công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9073A bảng dữ liệu(PDF) 1 Page - Richtek Technology Corporation

tên linh kiện RT9073A
Giải thích chi tiết về linh kiện  The RT9073A is a low-dropout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9073A bảng dữ liệu(HTML) 1 Page - Richtek Technology Corporation

  RT9073A Datasheet HTML 1Page - Richtek Technology Corporation RT9073A Datasheet HTML 2Page - Richtek Technology Corporation RT9073A Datasheet HTML 3Page - Richtek Technology Corporation RT9073A Datasheet HTML 4Page - Richtek Technology Corporation RT9073A Datasheet HTML 5Page - Richtek Technology Corporation RT9073A Datasheet HTML 6Page - Richtek Technology Corporation RT9073A Datasheet HTML 7Page - Richtek Technology Corporation RT9073A Datasheet HTML 8Page - Richtek Technology Corporation RT9073A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9073A
®
DS9073A-00 April 2015
www.richtek.com
1
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
1
μμμμμA I
Q, 250mA Low-Dropout Linear Regulator
Applications
Portable, Battery Powered Equipment
Ultra Low Power Microcontrollers
Notebook computers
General Description
The RT9073A is a low-dropout (LDO) voltage regulators
with enable function that operates from 1.2V to 5.5V. It
provides up to 250mA of output current and offers low-
power operation in miniaturized packaging.
The features of low quiescent current as low as 1
μA and
almost zero disable current is ideal for powering the battery
equipment to a longer service life. The RT9073A is stable
with the ceramic output capacitor over its wide input range
from 1.2V to 5.5V and the entire range of output load
current (0mA to 250mA).
Features
1
μμμμμA Ground Current at no Load
PSRR = 75dB at 1kHz
±±±±±2% Output Accuracy
250mA (VIN
≥≥≥≥≥ 2.3V) Output Current with EN
Low (0.1
μμμμμA) Disable Current
1.2V to 5.5V Operating Input Voltage
Dropout Voltage : 0.5V at 250mA when VOUT
≥≥≥≥≥ 3V
Support Fixed Output Voltage 0.9V, 1.05V, 1.2V, 1.5V,
1.8V, 1.9V, 2.5V, 2.7V, 2.8V, 2.9V, 3V, 3.3V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over Temperature Protection
ZQFN-4L 1x1 (ZDFN-4L 1x1), SC-82 Packages
Available
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
QZ : ZQFN-4L 1x1 (Z-Type)
(ZDFN-4L 1x1)
Y : SC-82
RT9073A-
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
09 : 0.9V
1K : 1.05V
12 : 1.2V
15 : 1.5V
18 : 1.8V
19 : 1.9V
25 : 2.5V
27 : 2.7V
28 : 2.8V
29 : 2.9V
30 : 3.0V
33 : 3.3V
Special Request: Any Voltage
Between 0.9V and 3.3V under
specific business agreement


Số phần tương tự - RT9073A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Richtek Technology Corp...
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
More results

Mô tả tương tự - RT9073A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SHANGHAI BELLING CO., L...
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
logo
STMicroelectronics
AN1441 STMICROELECTRONICS-AN1441 Datasheet
381Kb / 13P
The ST890 is a low voltage
22-Apr-2009
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
The BlueNRG is a very low power Bluetooth low energy
24-Jan-2014
logo
Richtek Technology Corp...
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
The RT9073 is a low-dropout
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
logo
Maxim Integrated Produc...
MAXREFDES117 MAXIM-MAXREFDES117 Datasheet
451Kb / 10P
The MAXREFDES117# reference design is a low power
8/17/2016
logo
Anaren Microwave
1M710S ANAREN-1M710S Datasheet
175Kb / 3P
The 1M710 Micro Xinger is a low profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com