| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF640NLPBF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF640NLPBF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() www.irf.com 10 IRF640N/S/LPbF Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ TO-262 Package Outline Dimensions are shown in millimeters (inches) TO-262 Part Marking Information ASSEMBLY LOT CODE RECTIFIER INTERNATIONAL ASS EMBLED ON WW 19, 1997 Note: "P" in assembly line position indicates "Lead-Free" IN THE ASSEMBLY LINE "C" LOGO THIS IS AN IRL3103L LOT CODE 1789 EXAMPLE: LINE C DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER PART NUMBER LOGO LOT CODE ASSEMBLY INTERNATIONAL RECTIFIER PRODUCT (OPTIONAL) P = DESIGNATES LEAD-FREE A = ASSEMBLY S ITE CODE WEEK 19 YEAR 7 = 1997 DATE CODE OR |