| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF640NLPBF bảng dữ liệu(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF640NLPBF bảng dữ liệu(HTML) 8 Page - International Rectifier |
|
8 / 11 page ![]() www.irf.com 8 IRF640N/S/LPbF TO-220AB package is not recommended for Surface Mount Application TO-220AB Part Marking Information TO-220AB Package Outline Dimensions are shown in millimeters (inches) INTERNATIONAL PART NUMBER RECTIFIER LOT CODE ASSEMBLY LOGO YEAR 0 = 2000 DAT E CODE WEEK 19 LINE C LOT CODE 1789 EXAMPLE: THIS IS AN IRF1010 Note: "P" in assembly line position indicates "Lead - Free" IN THE ASSEMBLY LINE "C" ASSEMBLED ON WW 19, 2000 Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |