| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC1197CS8 bảng dữ liệu(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1197CS8 bảng dữ liệu(HTML) 22 Page - Linear Technology |
|
22 / 28 page ![]() 22 LTC1197/LTC1197L LTC1199/LTC1199L S APPLICATI TYPICAL Data Exchange Between LTC1199 and MC68HC05C4 Hardware and Software Interface to Motorola MC68HC05C4 LABEL MNEMONIC COMMENTS START BCLRn Bit 0 Port C goes low (CS goes low) LDA Load LTC1199 DIN word into ACC STA Load LTC1199 DIN word into SPI from ACC Transfer begins TST Test status of SPIF BPL Loop to previous instruction if not done with transfer LDA Load contents of SPI data register into ACC (DOUT MSBs) STA Start next SPI cycle AND Clear 6 MSBs of the first DOUT word STA Store in memory location A (MSBs) TST Test status of SPIF BPL Loop to previous instruction if not done with transfer BSETn Set B0 of Port C (CS goes high) LDA Load contents of SPI data register into ACC. (DOUT LSBs) STA Store in memory location A + 1 (LSBs) MPU TRANSMIT WORD CS CLK DOUT MPU RECEIVED WORD DIN 1 ODD/ SIGN X X X X SGL/ DIFF XXXXXXXX START BIT BYTE 1 BYTE 2 (DUMMY) X = DON‘T CARE START DUMMY SGL/ DIFF DON‘T CARE B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 ODD/ SIGN DUMMY ?? ?? 0 0 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 2ND TRANSFER 1ST TRANSFER 1197/99 TA03 DOUT from LTC1199 Stored in MC68HC05C4 LOCATION A + 1 LSB MSB LOCATION A BYTE 2 BYTE 1 1197/99 TA05 B7 B6 B5 B4 B3 B2 B1 B0 00 00 0 0 B9 B8 1197/99 TA04 CLK DIN CS ANALOG INPUTS C0 SCK DOUT MISO MOSI MC68HC05C4 LTC1199 |