công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1510 bảng dữ liệu(PDF) 16 Page - Linear Technology

tên linh kiện LT1510
Giải thích chi tiết về linh kiện  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1510 bảng dữ liệu(HTML) 16 Page - Linear Technology

Back Button LT1510 Datasheet HTML 8Page - Linear Technology LT1510 Datasheet HTML 9Page - Linear Technology LT1510 Datasheet HTML 10Page - Linear Technology LT1510 Datasheet HTML 11Page - Linear Technology LT1510 Datasheet HTML 12Page - Linear Technology LT1510 Datasheet HTML 13Page - Linear Technology LT1510 Datasheet HTML 14Page - Linear Technology LT1510 Datasheet HTML 15Page - Linear Technology LT1510 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1510/LT1510-5
1510fc LT/GP 1197 REV C 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC
®1325
Microprocessor-Controlled Battery Management
Can Charge, Discharge and Gas Gauge NiCd, NiMH and Pb-Acid
System
Batteries with Software Charging Profiles
LT1372/LT1377
500kHz/1MHz Step-Up Switching Regulators
High Frequency, Small Inductor, High Efficiency Switchers, 1.5A Switch
LT1373
250kHz Step-Up Switching Regulator
High Efficiency, Low Quiescent Current, 1.5A Switch
LT1376
500kHz Step-Down Switching Regulator
High Frequency, Small Inductor, High Efficiency Switcher, 1.5A Switch
LT1511
3A Constant-Voltage/Constant-Current Battery Charger
High Efficiency, Minimal External Components to Fast Charge Lithium,
NiMH and NiCd Batteries
LT1512
SEPIC Battery Charger
VIN Can Be Higher or Lower Than Battery Voltage
RELATED PARTS
TYPICAL APPLICATION
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTION
S Package
16-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
5
6
7
8
0.150 – 0.157**
(3.810 – 3.988)
16
15
14
13
0.386 – 0.394*
(9.804 – 10.008)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
S16 0695
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Adjustable Voltage Regulator with Precision Adjustable Current Limit
SW
BOOST
VCC2
1k
1k
VIN
18V TO 25V
VOUT
2.5V TO 15V
CURRENT LIMIT LEVEL
50mA TO 1A
1510 TA01
0.22
µF
0.1
µF
100
µF
30
µH
LT1510
1N5819
1N914
+
+
POT
5k
POT
100k
RPROG
4.93k
0.01
µF
500
µF
1
µF
GND
CURRENT LIMIT LEVEL =
(2000)
2.465V
RPROG
VCC1
PROG
BAT
OVP
SENSE
VC
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com