công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1510 bảng dữ liệu(PDF) 10 Page - Linear Technology

tên linh kiện LT1510
Giải thích chi tiết về linh kiện  Constant-Voltage/ Constant-Current Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1510 bảng dữ liệu(HTML) 10 Page - Linear Technology

Back Button LT1510 Datasheet HTML 6Page - Linear Technology LT1510 Datasheet HTML 7Page - Linear Technology LT1510 Datasheet HTML 8Page - Linear Technology LT1510 Datasheet HTML 9Page - Linear Technology LT1510 Datasheet HTML 10Page - Linear Technology LT1510 Datasheet HTML 11Page - Linear Technology LT1510 Datasheet HTML 12Page - Linear Technology LT1510 Datasheet HTML 13Page - Linear Technology LT1510 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1510/LT1510-5
where RPROG is the total resistance from PROG pin to
ground.
For example, 1A charging current is needed.
R
V
A
k
PROG =
()( )
=
2 465
2000
1
493
.
.
Charging current can also be programmed by pulse width
modulating IPROG with a switch Q1 to RPROG at a frequency
higher than a few kHz (Figure 4). Charging current will be
proportional to the duty cycle of the switch with full current
at 100% duty cycle.
When a microprocessor DAC output is used to control
charging current, it must be capable of sinking current
at a compliance up to 2.5V if connected directly to the
PROG pin.
APPLICATIONS INFORMATION
even this low current drain. A 47k resistor from adapter
output to ground should be added if Q3 is used to ensure
that the gate is pulled to ground.
With divider current set at 25
µA, R4 = 2.465/25µA = 100k
and,
R
RV
RA
k
kA
k
BAT
3
4
2 465
2 465
4 0 05
100 8 4 2 465
2 465 100 0 05
240
= ()
()
+
()
=
()
+
()
=
.
..
..
..
µµ
Lithium-ion batteries typically require float voltage accu-
racy of 1% to 2%. Accuracy of the LT1510 OVP voltage is
±0.5% at 25°C and ±1% over full temperature. This leads
to the possibility that very accurate (0.1%) resistors might
be needed for R3 and R4. Actually, the temperature of the
LT1510 will rarely exceed 50
°C in float mode because
charging currents have tapered off to a low level, so 0.25%
resistors will normally provide the required level of overall
accuracy.
External Shutdown
The LT1510 can be externally shut down by pulling the VC
pin low with an open drain MOSFET, such as VN2222. The
VC pin should be pulled below 0.8V at room temperature
to ensure shutdown. This threshold decreases at about
2mV/
°C. A diode connected between the MOSFET drain
and the VC pin will still ensure the shutdown state over all
temperatures, but it results in slightly different conditions
as outlined below.
If the VC pin is held below threshold, but above ≈ 0.4V, the
current flowing
into the BAT pin will remain at about
700
µA.PullingtheVCpinbelow0.4Vwillcausethecurrent
to drop to
≈ 200µA and reverse, flowing out of the BAT pin.
Although these currents are low, the long term effect may
need to be considered if the charger is held in a shutdown
state for very long periods of time, with the charger input
voltage remaining. Removing the charger input voltage
causes all currents to drop to near zero.
If it is acceptable to have 200
µA flowing into the battery
while the charger is in shutdown, simply pull the VC pin
directly to ground with the external MOSFET. The resistor
divider used to sense battery voltage will pull current out
Figure 4. PWM Current Programming
PWM
RPROG
4.64k
300
PROG
CPROG
1
µF
Q1
VN2222
5V
0V
LT1510
1510 F04
IBAT = (DC)(1A)
Lithium-Ion Charging
The circuit in Figure 2 uses the 16-pin LT1510 to charge
lithium-ion batteries at a constant 1.3A until battery volt-
age reaches a limit set by R3 and R4. The charger will then
automatically go into a constant-voltage mode with cur-
rent decreasing to zero over time as the battery reaches full
charge. This is the normal regimen for lithium-ion charg-
ing, with the charger holding the battery at “float” voltage
indefinitely. In this case no external sensing of full charge
is needed.
Current through the R3/R4 divider is set at a compromise
value of 25
µA to minimize battery drain when the charger
is off and to avoid large errors due to the 50nA bias current
of the OVP pin. Q3 can be added if it is desired to eliminate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com