| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1399HVCS bảng dữ liệu(PDF) 4 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1399HVCS bảng dữ liệu(HTML) 4 Page - Linear Technology |
|
4 / 16 page ![]() 4 LT1398/LT1399/LT1399HV The q denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C. For each amplifier: VCM = 0V, VS = ±7.5V, EN = 0V, pulse tested, unless otherwise noted. (Note 4) ELECTRICAL C C HARA TERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage 1.5 10 mV q 12 mV ∆VOS/∆T Input Offset Voltage Drift q 15 µV/°C IIN + Noninverting Input Current 10 25 µA q 30 µA IIN– Inverting Input Current 10 50 µA q 60 µA en Input Noise Voltage Density f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω, VS = ±5V 4.5 nV/ √Hz +in Noninverting Input Noise Current Density f = 1kHz, VS = ±5V 6 pA/ √Hz –in Inverting Input Noise Current Density f = 1kHz, VS = ±5V 25 pA/ √Hz RIN Input Resistance VIN = ±6V q 0.3 1 M Ω CIN Input Capacitance Amplifier Enabled 2.0 pF Amplifier Disabled 2.5 pF COUT Output Capacitance Amplifier Disabled 8.5 pF VINH Input Voltage Range, High VS = ±7.5V q 6 6.5 V VS = 7.5V, 0V 6.5 V VINL Input Voltage Range, Low VS = ±7.5V q –6 –6.5 V VS = 7.5V, 0V 1.0 V VOUTH Maximum Output Voltage Swing, High VS = ±7.5V, RL = 100k 6.4 6.7 V VS = ±7.5V, RL = 100k q 6.1 V VS = 7.5V, 0V; RL = 100k 6.7 V VOUTL Maximum Output Voltage Swing, Low VS = ±7.5V, RL = 100k – 6.4 – 6.7 V VS = ±7.5V, RL = 100k q – 6.1 V VS = 7.5V, 0V; RL = 100k 0.8 V VOUTH Maximum Output Voltage Swing, High VS = ±7.5V, RL = 150Ω 5.4 5.8 V VS = ±7.5V, RL = 150Ω q 5.1 V VS = 7.5V, 0V; RL = 150Ω 5.8 V VOUTL Maximum Output Voltage Swing, Low VS = ±7.5V, RL = 150Ω – 5.4 – 5.8 V VS = ±7.5V, RL = 150Ω q – 5.1 V VS = 7.5V, 0V; RL = 150Ω 0.6 V CMRR Common Mode Rejection Ratio VCM = ±6V q 42 52 dB –ICMRR Inverting Input Current VCM = ±6V 10 16 µA/V Common Mode Rejection VCM = ±6V q 22 µA/V PSRR Power Supply Rejection Ratio VS = ±2V to ±7.5V, EN = V – q 56 70 dB +IPSRR Noninverting Input Current VS = ±2V to ±7.5V, EN = V– 12 µA/V Power Supply Rejection q 3 µA/V –IPSRR Inverting Input Current VS = ±2V to ±7.5V, EN = V– q 27 µA/V Power Supply Rejection AV Large-Signal Voltage Gain VOUT = ±4.5V, RL = 150Ω 50 65 dB ROL Transimpedance, ∆VOUT/∆IIN– VOUT = ±4.5V, RL = 150Ω 40 100 k Ω IOUT Maximum Output Current RL = 0Ω q 80 mA IS Supply Current per Amplifier VOUT = 0V q 4.6 7 mA Disable Supply Current per Amplifier EN Pin Voltage = 7V, RL = 150Ω q 0.1 100 µA IEN Enable Pin Current 30 110 µA q 200 µA (LT1399HV) |