| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1399HVCS bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1399HVCS bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT1398/LT1399/LT1399HV The q denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C. For each amplifier: VCM = 0V, VS = ±5V, EN = 0V, pulse tested, unless otherwise noted. (Note 4) A G A U A R BSOLUTEXI TI S (Note 1) Total Supply Voltage (V + to V –) LT1398/LT1399 ................................................ 12.6V LT1399HV ....................................................... 15.5V Input Current (Note 2) ....................................... ±10mA Output Current ................................................. ±100mA Differential Input Voltage (Note 2) ........................... ±5V Output Short-Circuit Duration (Note 3) ........ Continuous Operating Temperature Range ............... – 40 °C to 85°C Specified Temperature Range (Note 4) .. – 40 °C to 85°C Storage Temperature Range ................ – 65 °C to 150°C Junction Temperature (Note 5) ............................ 150 °C Lead Temperature (Soldering, 10 sec)................. 300 °C PACKAGE/ORDER I FOR ATIO ORDER PART NUMBER LT1399CGN LT1399CS LT1399HVCS TJMAX = 150°C, θJA = 120°C/W (GN) TJMAX = 150°C, θJA = 100°C/W (S) *Ground pins are not internally connected. For best channel isolation, connect to ground. Consult factory for Industrial and Military grade parts. ORDER PART NUMBER LT1398CS TJMAX = 150°C, θJA = 100°C/W 1 2 3 4 5 6 7 8 TOP VIEW 16 15 14 13 12 11 10 9 –IN A +IN A *GND *GND *GND *GND +IN B –IN B EN A OUT A V+ GND* GND* V– OUT B EN B A S PACKAGE 16-LEAD PLASTIC SO B ELECTRICAL C C HARA TERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage 1.5 10 mV q 12 mV ∆VOS/∆T Input Offset Voltage Drift q 15 µV/°C IIN + Noninverting Input Current 10 25 µA q 30 µA IIN– Inverting Input Current 10 50 µA q 60 µA en Input Noise Voltage Density f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω 4.5 nV/ √Hz +in Noninverting Input Noise Current Density f = 1kHz 6 pA/ √Hz –in Inverting Input Noise Current Density f = 1kHz 25 pA/ √Hz RIN Input Resistance VIN = ±3.5V q 0.3 1 M Ω CIN Input Capacitance Amplifier Enabled 2.0 pF Amplifier Disabled 2.5 pF COUT Output Capacitance Amplifier Disabled 8.5 pF VINH Input Voltage Range, High VS = ±5V q 3.5 4.0 V VS = 5V, 0V 4.0 V 1 2 3 4 5 6 7 8 TOP VIEW 16 15 14 13 12 11 10 9 –IN R +IN R *GND –IN G +IN G *GND +IN B –IN B EN R OUT R V+ EN G OUT G V– OUT B EN B R G S PACKAGE 16-LEAD PLASTIC SO GN PACKAGE 16-LEAD PLASTIC SSOP B GN PART MARKING 1399 (LT1398/LT1399) |