| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1375C bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1375C bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 28 page ![]() 3 LT1375/LT1376 ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. TJ = 25°C, VIN = 15V, VC = 1.5V, boost open, switch open, unless otherwise noted. PARAMETER CONDITIONS MIN TYP MAX UNITS Reference Voltage (Adjustable) 2.39 2.42 2.45 V All Conditions q 2.36 2.48 V Sense Voltage (Fixed 5V) 4.94 5.0 5.06 V All Conditions q 4.90 5.10 V Sense Pin Resistance 710 14 k Ω Reference Voltage Line Regulation 5V ≤ VIN ≤ 25V 0.01 0.03 %/ V 5V ≤ VIN ≤ 30V (LT1375HV/LT1376HV) 0.01 0.03 %/V Feedback Input Bias Current q 0.5 1.5 µA Error Amplifier Voltage Gain VSHDN = 1V (Notes 2, 8) 200 400 Error Amplifier Transconductance VSHDN = 1V, ∆I (VC) = ±10µA (Note 8) 1500 2000 2700 µMho q 1100 3000 µMho VC Pin to Switch Current Transconductance 2A/ V Error Amplifier Source Current VSHDN = 1V, VFB = 2.1V or VSENSE = 4.4V q 150 225 320 µA Error Amplifier Sink Current VSHDN = 1V, VFB = 2.7V or VSENSE = 5.6V 2 mA VC Pin Switching Threshold Duty Cycle = 0 0.9 V VC Pin High Clamp VSHDN = 1V 2.1 V Switch Current Limit VC Open, VFB = 2.1V or VSENSE = 4.4V, VBOOST = VIN + 5V DC ≤ 50% q 1.50 2 3 A DC = 80% q 1.35 3 A Switch On Resistance (Note 6) ISW = 1.5A, VBOOST = VIN + 5V 0.3 0.4 Ω q 0.5 Ω Maximum Switch Duty Cycle VFB = 2.1V or VSENSE = 4.4V 90 93 % –40 °C ≤ TJ ≤ 125°C86 93 % TJ = 150°C85 93 % Switch Frequency VC Set to Give 50% Duty Cycle 460 500 540 kHz –25 °C ≤ TJ ≤ 125°C 440 560 kHz TJ ≤ –25°C 440 570 kHz Switch Frequency Line Regulation 5V ≤ VIN ≤ 25V q 0.05 0.15 %/ V 5V ≤ VIN ≤ 30V (LT1375HV/LT1376HV) q 0.05 0.15 %/V Frequency Shifting Threshold on FB Pin ∆f = 10kHz q 0.8 1.0 1.3 V Minimum Input Voltage (Note 3) q 5.0 5.5 V Minimum Boost Voltage (Note 4) ISW ≤ 1.5A q 3 3.5 V Boost Current (Note 5) VBOOST = VIN + 5V ISW = 500mA q 12 22 mA ISW = 1.5A q 25 35 mA Input Supply Current (Note 6) VBIAS = 5V q 0.9 1.4 mA Output Supply Current (Note 6) VBIAS = 5V q 3.2 4.0 mA Shutdown Supply Current VSHDN = 0V, VIN ≤ 25V, VSW = 0V, VC Open 15 50 µA q 75 µA VSHDN = 0V, VIN ≤ 30V, VSW = 0V, VC Open (LT1375HV/LT1376HV) 20 75 µA q 100 µA Lockout Threshold VC Open q 2.3 2.38 2.46 V |