| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1375C bảng dữ liệu(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1375C bảng dữ liệu(HTML) 2 Page - Linear Technology |
|
2 / 28 page ![]() 2 LT1375/LT1376 ABSOLUTE MAXIMUM RATINGS Input Voltage LT1375/LT1376 .................................................. 25V LT1375HV/LT1376HV ........................................ 30V BOOST Pin Voltage LT1375/LT1376 .................................................. 35V LT1375HV/LT1376HV ........................................ 40V SHDN Pin Voltage ..................................................... 7V BIAS Pin Voltage ...................................................... 7V FB Pin Voltage (Adjustable Part) ............................ 3.5V FB Pin Current (Adjustable Part) ............................ 1mA Sense Voltage (Fixed 5V Part) .................................. 7V SYNC Pin Voltage ..................................................... 7V Operating Ambient Temperature Range LT1375C/LT1376C ................................. 0 °C to 70°C LT1375I/LT1376I ............................... – 40 °C to 85°C Operating Junction Temperature Range LT1375C/LT1376C ............................... 0 °C to 125° C LT1375I/LT1376I ............................. – 40 °C to 125°C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec)................. 300 °C (Note 1) PACKAGE/ORDER INFORMATION TOP VIEW S PACKAGE 16-LEAD PLASTIC NARROW SO 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND NC BOOST VIN VSW BIAS NC GND GND NC VC FB/SENSE GND SHDN NC GND ORDER PART NUMBER θJA =50°C/ W WITH FUSED CORNER PINS CONNECTED TO GROUND PLANE OR LARGE LANDS 1 2 3 4 8 7 6 5 TOP VIEW BOOST VIN VSW BIAS N8 PACKAGE 8-LEAD PDIP S8 PACKAGE 8-LEAD PLASTIC SO VC FB/SENSE GND SHDN θJA = 100°C/ W (N8) θJA = 120°C/ W TO 150°C/W DEPENDING ON PC BOARD LAYOUT (S8) 1 2 3 4 8 7 6 5 TOP VIEW VC FB/SENSE GND SYNC N8 PACKAGE 8-LEAD PDIP S8 PACKAGE 8-LEAD PLASTIC SO BOOST VIN VSW SHDN θJA = 100°C/ W (N8) θJA = 120°C/ W TO 150°C/W DEPENDING ON PC BOARD LAYOUT (S8) LT1375CN8 LT1375CN8-5 LT1375CS8 LT1375CS8-5 LT1375HVCS8 ORDER PART NUMBER ORDER PART NUMBER LT1375IN8 LT1375IN8-5 LT1375IS8 LT1375IS8-5 LT1375HVIS8 LT1376CN8 LT1376CN8-5 LT1376CS8 LT1376CS8-5 LT1376HVCS8 LT1376IN8 LT1376IN8-5 LT1376IS8 LT1376IS8-5 LT1376HVIS8 S8 PART MARKING S8 PART MARKING 1375I 1375I5 375HVI 1375 13755 1375HV 1376 13765 1376HV 1376I 1376I5 376HVI LT1376CS LT1376IS LT1376HVCS LT1376HVIS Consult factory for Military grade parts. |