| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1114AM bảng dữ liệu(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1114AM bảng dữ liệu(HTML) 7 Page - Linear Technology |
|
7 / 12 page ![]() 7 LT1112/LT1114 CC HARA TERISTICS A TYPICALPERFOR CE 0.1Hz to 10Hz Noise 0.01Hz to 1Hz Noise Supply Current per Amplifier vs Supply Voltage TIME (MONTHS) 0 –6 –4 –2 0 2 6 1 23 4 LT1112/14 • TPC14 56 4 VS = ±15V TA = 25°C 2A 2B 1A 1B 3A 3B Long Term Stability of Three Representative Units Common-Mode Range and Voltage Swing with Respect to Supply Voltages Output Voltage Swing vs Load Current Warm-Up Drift SUPPLY VOLTAGE (V) 0 400 500 ±20 LT1112/14 • TPC15 300 200 ±5 ±10 ±15 600 TA = 125°C TA = 25°C TA = –55°C Noise Spectrum FREQUENCY (Hz) 1 1 10 100 1000 10 100 1000 LT1112/14 • TPC10 VS = ±1V TO ±20V TA = 25°C CURRENT NOISE VOLTAGE NOISE 1/fCORNER 2.5Hz 1/fCORNER 140Hz Minimum Supply Voltage vs Temp Voltage Gain at Minimum Supply Voltage TIME (SEC) 0 8 LT1112/14 • TPC11 2 4 6 10 VS = ±15V TA = 25°C TIME AFTER POWER ON (MINUTES) 0 0 1 2 3 0.5 1.0 1.5 2.0 LT1112/14 • TPC13 2.5 VS = ±15V TA = 25°C LT1112S8, LT1114N/S PACKAGES LT1114J PACKAGE LT1112J8, N8 PACKAGES OUTPUT CURRENT (mA) –9 V+ – 1 06 LT1112/14 • TPC18 –6 –3 39 V – V+ V+ – 2 V+ – 3 V – + 3 V – + 2 V – + 1 SINK SOURCE VS = ±1V TO ± 20V TA = 25°C MAX IL AT ±1V = 1.3mA AT ±1.5V = 3mA TEMPERATURE (°C) –75 V– V+ –25 LT1112/14 • TPC17 V+ – 0.2 25 125 V+ – 0.4 V+ – 0.6 V+ – 0.8 V+ – 1.0 V– + 0.8 V– + 0.6 V– + 0.4 V– + 0.2 75 VS = ±1V TO ±20V IL < 100µA SWING CM RANGE SWING CM RANGE TEMPERATURE (°C) –50 60 80 100 ±1.2 ±0.9 0 50 75 LT1112/14 • TPC16 40 ±1.0 ±1.1 –25 25 100 125 TIME (SEC) 0 80 LT1112/14 • TPC12 20 40 60 100 VS = ±15V TA = 25°C |