công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8H-7SC/5 bảng dữ liệu(PDF) 3 Page - Lattice Semiconductor

tên linh kiện PALCE16V8H-7SC/5
Giải thích chi tiết về linh kiện  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8H-7SC/5 bảng dữ liệu(HTML) 3 Page - Lattice Semiconductor

  PALCE16V8H-7SC/5 Datasheet HTML 1Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 2Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 3Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 4Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 5Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 6Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 7Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 8Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PALCE16V8 and PALCE16V8Z Families
3
Alternatively, the device can be programmed as a PALCE16V8. Here the user must use the
PALCE16V8 device code. This option allows full utilization of the macrocell.
CONFIGURATION OPTIONS
Each macrocell can be configured as one of the following: registered output, combinatorial
output, combinatorial I/O, or dedicated input. In the registered output configuration, the output
buffer is enabled by the OE pin. In the combinatorial configuration, the buffer is either controlled
by a product term or always enabled. In the dedicated input configuration, it is always disabled.
With the exception of MC0 and MC7, a macrocell configured as a dedicated input derives the
input signal from an adjacent I/O. MC0 derives its input from pin 11 (OE) and MC7 from pin 1
(CLK).
The macrocell configurations are controlled by the configuration control word. It contains 2
global bits (SG0 and SG1) and 16 local bits (SL00 through SL07 and SL10 through SL17). SG0
determines whether registers will be allowed. SG1 determines whether the PALCE16V8 will
emulate a PAL16R8 family or a PAL10H8 family device. Within each macrocell, SL0x, in
conjunction with SG1, selects the configuration of the macrocell, and SL1x sets the output as
either active low or active high for the individual macrocell.
The configuration bits work by acting as control inputs for the multiplexers in the macrocell.
There are four multiplexers: a product term input, an enable select, an output select, and a
feedback select multiplexer. SG1 and SL0x are the control signals for all four multiplexers. In
MC0 and MC7, SG0 replaces SG1 on the feedback multiplexer. This accommodates CLK being
the adjacent pin for MC7 and OE the adjacent pin for MC0.
Figure 1. PALCE16V8 Macrocell
1 1
0 X
1 0
*SG1
SG1
SL0X
DQ
Q
1 0
1 1
0 X
1 1
1 0
0 0
0 1
VCC
CLK
SL0X
OE
To
Adjacent
Macrocell
From
Adjacent
Pin
1 1
0 X
1 0
SL1X
I/OX
16493E-2
*In macrocells MC0 and MC7, SG1 is replaced by SG0 on the feedback multiplexer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com