công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8H-7SC/5 bảng dữ liệu(PDF) 2 Page - Lattice Semiconductor

tên linh kiện PALCE16V8H-7SC/5
Giải thích chi tiết về linh kiện  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8H-7SC/5 bảng dữ liệu(HTML) 2 Page - Lattice Semiconductor

  PALCE16V8H-7SC/5 Datasheet HTML 1Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 2Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 3Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 4Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 5Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 6Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 7Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 8Page - Lattice Semiconductor PALCE16V8H-7SC/5 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
PALCE16V8 and PALCE16V8Z Families
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The PALCE16V8 is a universal PAL device. The PALCE16V8Z is the zero-power version of the
PALCE16V8. It has all the architectural features of the PALCE16V8. In addition, the PALCE16V8Z
has zero standby power and an unused product term disable feature for reduced power
consumption. It has eight independently configurable macrocells (MC0-MC7). Each macrocell can
be configured as registered output, combinatorial output, combinatorial I/O or dedicated input.
The programming matrix implements a programmable AND logic array, which drives a fixed OR
logic array. Buffers for device inputs have complementary outputs to provide user-
programmable input signal polarity. Pins 1 and 11 serve either as array inputs or as clock (CLK)
and output enable (OE), respectively, for all flip-flops.
Unused input pins should be tied directly to VCC or GND. Product terms with all bits
unprogrammed (disconnected) assume the logical HIGH state, and product terms with both true
and complement of any input signal connected assume a logical LOW state.
The programmable functions on the PALCE16V8 are automatically configured from the user’s
design specification. The design specification is processed by development software to verify
the design and create a programming file (JEDEC). This file, once downloaded to a programmer,
configures the device according to the user’s desired function.
The user is given two design options with the PALCE16V8. First, it can be programmed as a
standard PAL device from the PAL16R8 series. The PAL programmer manufacturer will supply
device codes for the standard PAL device architectures to be used with the PALCE16V8.
The programmer will program the PALCE16V8 in the corresponding architecture. This allows
the user to use existing standard PAL device JEDEC files without making any changes to them.
Programmable AND Array
32 x 64
MACRO
MC0
MACRO
MC1
MACRO
MC2
MACRO
MC3
MACRO
MC4
MACRO
MC5
MACRO
MC6
MACRO
MC7
OE
/I9
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
8
I1 – I8
CLK/I0
16493E-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com