công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8H-7PC/5 bảng dữ liệu(PDF) 24 Page - Lattice Semiconductor

tên linh kiện PALCE16V8H-7PC/5
Giải thích chi tiết về linh kiện  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8H-7PC/5 bảng dữ liệu(HTML) 24 Page - Lattice Semiconductor

Back Button PALCE16V8H-7PC/5 Datasheet HTML 20Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 21Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 22Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 23Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 24Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 25Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 26Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 27Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
PALCE16V8Z-25 (Com’l, Ind)
CAPACITANCE1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
SWITCHING CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL
OPERATING RANGES1
Notes:
1. See “Switching Test Circuit” for test conditions.
2. This parameter is tested in standby mode.
3. This parameter is tested in Standby Mode. When the device is not in Standby Mode, the tPD will typically be 2 ns faster.
4. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified where
frequency may be affected.
5. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25 °C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Parameter
Symbol
Parameter Description
-25
Unit
Min 2
Max
tPD
Input or Feedback to Combinatorial Output (Note 3)
25
ns
tS
Setup Time from Input or Feedback to Clock
20
ns
tH
Hold Time
0ns
tCO
Clock to Output
10
ns
tWL
Clock Width
LOW
8ns
tWH
HIGH
8ns
fMAX
Maximum
Frequency (Notes 4
and 5)
External Feedback
1/(tS+tCO)
33.3
MHz
Internal Feedback (fCNT)
1/(tS+tCF)
50
MHz
No Feedback
1/(tWH+tWL)
50
MHz
tPZX
OE to Output Enable
25
ns
tPXZ
OE to Output Disable
25
ns
tEA
Input to Output Enable Using Product Term Control
25
ns
tER
Input to Output Disable Using Product Term Control
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com