công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PALCE16V8H-7PC/5 bảng dữ liệu(PDF) 13 Page - Lattice Semiconductor

tên linh kiện PALCE16V8H-7PC/5
Giải thích chi tiết về linh kiện  EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LATTICE [Lattice Semiconductor]
Trang chủ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE16V8H-7PC/5 bảng dữ liệu(HTML) 13 Page - Lattice Semiconductor

Back Button PALCE16V8H-7PC/5 Datasheet HTML 9Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 10Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 11Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 12Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 13Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 14Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 15Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 16Page - Lattice Semiconductor PALCE16V8H-7PC/5 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PALCE16V8H-10 (Com’l, Ind)
13
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . . . . . . .-65°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage
with Respect to Ground . . . . . . . . . . -0.5 V to + 7.0 V
DC Input Voltage . . . . . . . . . . . -0.5 V to VCC + 0.5 V
DC Output or I/O
Pin Voltage . . . . . . . . . . . . . . . . . -0.5 V to VCC + 0.5 V
Static Discharge Voltage . . . . . . . . . . . . . . . . . 2001 V
Latchup Current (TA = -40°C to +85°C). . . . . . . 100 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum Rat-
ings for extended periods may affect device reliability. Pro-
gramming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
Operating in Free Air . . . . . . . . . . . . . . . 0°C to +75°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . +4.75 V to +5.25 V
Industrial (I) Devices
Temperature (TA) Operating
in Free Air . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage (VCC)
with Respect to Ground . . . . . . . . . . . +4.5 V to +5.5 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL OPERATING
RANGES
Notes:
1. These are absolute values with respect to device ground, and all overshoots due to system or tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
3. Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
Parameter
Symbol
Parameter Description
Test Description
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –3.2 mA, VIN = VIH or VIL, VCC = Min
2.4
V
VOL
Output LOW Voltage
IOL = 24 mA, VIN = VIH or VIL, VCC = Min
0.5
V
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for all Inputs (Note 1)
2.0
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for all Inputs (Note 1)
0.8
V
IIH
Input HIGH Leakage Current
VIN = 5.25 V, VCC = Max (Note 2)
10
µA
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 2)
–100
µA
IOZH
Off-State Output Leakage Current HIGH
VOUT = 5.25 V, VCC = Max
VIN = VIH or VIL (Note 2)
10
µA
IOZL
Off-State Output Leakage Current LOW
VOUT = 0 V, VCC = Max
VIN = VIH or VIL (Note 2)
–100
µA
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Note 3)
–30
–150
mA
ICC (Dynamic)
Commercial Supply Current
Outputs Open (IOUT = 0 mA)
VCC = Max, f = 15 MHz
115
mA
Industrial Supply Current
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com