| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD750004A bảng dữ liệu(PDF) 22 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750004A bảng dữ liệu(HTML) 22 Page - NEC |
|
22 / 84 page ![]() 22 µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A) Fig. 6-1 Clock Generator Block Diagram Note Instruction execution Remarks 1. fX = Main system clock frequency 2. fXT = Subsystem clock frequency 3. Φ = CPU clock 4. PCC: Processor clock control register 5. SCC: System clock control register 6. One clock cycle (tCY) of the CPU clock ( Φ) is equal to one machine cycle of an instruction. Subsystem clock generator Main system clock generator Clock timer • Basic interval timer (BT) • Timer/event counter • Timer counter • Serial interface • Clock timer • INT0 noise eliminator • Clock output circuit 1/1 to 1/4096 Frequency divider Selec- tor Selec- tor Frequency divider Φ Oscillator disable signal HALT Note STOP Note PCC2, PCC3 clear signal Wait release signal from BT Standby release signal from interrupt control circuit RESET signal XT1 XT2 X1 X2 4 SCC SCC3 SCC0 PCC PCC0 PCC1 PCC2 PCC3 STOP flip-flop QS R HALT flip-flop S Q R fXT fX 1/2 1/16 1/4 1/4 WM.3 • CPU • INT0 noise eliminator • Clock output circuit |