| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1889 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1889 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() DocID027779 Rev 1 5/8 UM1889 Set up quick data exchange between two SP1ML modules 8 2 Set up quick data exchange between two SP1ML modules Settings • Connect two dongles to the PC USB port. • Open 2 HyperTerminal sessions on the PC and connect to each dongle with associated COM port (115200 Baud rate, local echo, CR+LF for Tx/Rx) • By default, the module is in operation mode. In order to move it in command mode, the “+++” escape sequence must be used. • Using the “AT/S” command will then provide the module setting list • Please refer to the command list provided in the SP1ML datasheet. Figure 5. HyperTerminal As an example, you can keep the default setting for each module, except: Dongle/Module1 • S15 should be set to 0x00 (using HyperTerminal write ATS15=0x00) • S16 should be set to 0x01 (using HyperTerminal write ATS16=0x01) • Then send AT/C to store settings and ATO to move into operation mode Dongle/Module2 • S15 should be set to 0x01 (using HyperTerminal write ATS15=0x01) • S16 should be set to 0x00 (using HyperTerminal write ATS16=0x00) • Then send AT/C to store settings and ATO to move into operation mode |