| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1889 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1889 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 8 page ![]() DocID027779 Rev 1 3/8 UM1889 SP1ML firmware upgrade 8 1 SP1ML firmware upgrade When receiving SP1ML or STEVAL-SP1ML samples, the user should ensure that they have the latest version of the FW (available on request). Hardware • STEVAL-SP1ML evaluation board or • SP1ML module (wired with USB/UART converter) Figure 2. STEVAL-SP1ML Software • Download “CP210x USB to UART Bridge VCP Drivers” (STEVAL-SP1ML is using CP2102 USB/UART converter, so driver must be installed) • Install the ST Flash loader demonstrator: www.st.com/stm32-flash-loader • Ensure that you have the latest SP1ML FW from ST Documentation • Ensure that you have the latest version of the SP1ML datasheet (including AT command set) and STEVAL-SP1ML data brief available on st.com (www.st.com\subghzmodules). Settings • In order to force boot mode, the boot0 pin must be set to “1”. On the STEVAL-SP1ML it can be achieved through JP1 or by connecting PAD10 and PAD11 together. Figure 3. STEVAL-SP1ML JP1 connector |