công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4660 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN4660
Giải thích chi tiết về linh kiện  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 12Page - STMicroelectronics AN4660 Datasheet HTML 13Page - STMicroelectronics AN4660 Datasheet HTML 14Page - STMicroelectronics AN4660 Datasheet HTML 15Page - STMicroelectronics AN4660 Datasheet HTML 16Page - STMicroelectronics AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Peripheral migration
AN4660
16/27
DocID027558 Rev 2
2.8.1
Maximum frequency according to power scale parameter
Table 13 shows the comparison of maximum frequency that the MCU can reach between
STM32F42xxx/F43xxx and STM32F74xxx/F75xxx.
RTC
– LSE clock
– LSI clock
– HSE clock divided by 32
IWDG
LSI
LSE
NA
Configurable LSE drive in RCC_BDCR
register: LSEDRV[1:0]:
– 00: Low drive
– 10: Medium low drive
– 01: Medium high drive
– 11: High drive
RCC dedicated clock
configuration register
– RCC_DCKCFGR
–RCC_DKCFGR1
–RCC_DKCFGR2
Table 12. RCC differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx (continued)
Peripherals
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Clock sources
Table 13. Maximum frequency comparison between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
Symbol
Parameter
Conditions
F4 max
Freq
F7 max
Freq
Unit
fHCLK
Internal AHB clock
frequency
Power scale 3 (Over-drive OFF)
120
144
MHz
Power scale 2
Over-drive OFF
144
168
Over-drive ON
168
180
Power scale 1
Over-drive OFF
168
180
Over-drive ON
180
216
fPCLK1
Internal APB1 clock
frequency
Over-drive OFF
42
45
Over-drive ON
45
54
fPCLK2
Internal APB2 clock
frequency
Over-drive OFF
84
90
Over-drive ON
90
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com