công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4660 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN4660
Giải thích chi tiết về linh kiện  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 10Page - STMicroelectronics AN4660 Datasheet HTML 11Page - STMicroelectronics AN4660 Datasheet HTML 12Page - STMicroelectronics AN4660 Datasheet HTML 13Page - STMicroelectronics AN4660 Datasheet HTML 14Page - STMicroelectronics AN4660 Datasheet HTML 15Page - STMicroelectronics AN4660 Datasheet HTML 16Page - STMicroelectronics AN4660 Datasheet HTML 17Page - STMicroelectronics AN4660 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Peripheral migration
AN4660
14/27
DocID027558 Rev 2
2.6
Interrupt vectors
Table 10 presents the interrupt vector differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
2.7
External interrupt lines (EXTI)
Table 11 presents the EXTI line differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx.
Table 10. Interrupt vector differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
Position
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
91
NA
SAI2
92
NA
QuadSPI
93
NA
LPTIM1
94
NA
HDMI-CEC
95
NA
I2C4_EV
96
NA
I2C4_ER
97
NA
SPDIFRX
Table 11. EXTI line differences between STM32F42xxx/F43xxx and
STM32F74xxx/F75xxx
EXTI line
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
0 to 15
16 external interrupt lines
16
PVD output
17
RTC alarm event
18
USB OTG FS wakeup event
19
Ethernet wakeup event
20
USB OTG HS (configured in FS) wakeup event
21
RTC tamper and TimeStamp events
22
RTC wakeup event
23
NA
LPTIM1 asynchronous event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27