công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4646 bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện AN4646
Giải thích chi tiết về linh kiện  Peripheral interconnections on STM32F401 and STM32F411 lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4646 bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button AN4646 Datasheet HTML 7Page - STMicroelectronics AN4646 Datasheet HTML 8Page - STMicroelectronics AN4646 Datasheet HTML 9Page - STMicroelectronics AN4646 Datasheet HTML 10Page - STMicroelectronics AN4646 Datasheet HTML 11Page - STMicroelectronics AN4646 Datasheet HTML 12Page - STMicroelectronics AN4646 Datasheet HTML 13Page - STMicroelectronics AN4646 Datasheet HTML 14Page - STMicroelectronics AN4646 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID027369 Rev 1
11/17
AN4646
Peripheral interconnect matrix
16
2.4
System block
The system blocks include:
•
Internal reference voltage (VREFINT)
•
VBAT supply voltage
•
External interrupt/event controller (EXTI).
2.4.1
From VBAT, VREFINT to ADC
The VBAT channel is connected to ADC1_IN18 channel. It can be converted either as an
injected or as a regular channel.
VREFINT is connected to ADC1_IN17.
Refer to the following reference manual sections for a description of the interconnection
between VBAT, VREFINT and ADC:
•
Channel selection
•
Battery charge monitoring.
2.4.2
From EXTI to analog block
An external interrupt/event (EXTI) can be used to generate an ADC trigger event or to start
DAC conversion.
ADC synchronization is described in the Conversion on external trigger and trigger polarity
section of the reference manuals.
2.5
Communication interfaces
2.5.1
From USB block to TIM
The USB OTG_FS SOF pulse signal can trigger TIM2 general-purpose timer.
Figure 4. SOF connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17