công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4631 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện AN4631
Giải thích chi tiết về linh kiện  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 21Page - STMicroelectronics AN4631 Datasheet HTML 22Page - STMicroelectronics AN4631 Datasheet HTML 23Page - STMicroelectronics AN4631 Datasheet HTML 24Page - STMicroelectronics AN4631 Datasheet HTML 25Page - STMicroelectronics AN4631 Datasheet HTML 26Page - STMicroelectronics AN4631 Datasheet HTML 27Page - STMicroelectronics AN4631 Datasheet HTML 28Page - STMicroelectronics AN4631 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID027266 Rev 2
25/30
Internal oscillator measurement
29
Figure 14. LSI measurement configuration
After enabling the timer counter, when the first rising edge of the internal oscillator signal to
be measured occurs, the timer counter value is captured and then stored in
IC1ReadValue1. On the second rising edge, the timer counter is captured again and stored
in IC1ReadValue2. The elapsed time between two consecutive rising edges of the clock
represents an entire period. The following figure shows the timing diagram of an internal RC
oscillator measurement.
Figure 15. Timing diagram of an internal RC oscillator measurement
The internal oscillator frequency value is computed as shown by the following formula:
internal oscillator frequency = HSI16_Value / Capture
where:
•
HSI16_Value is the HSI16 frequency value: typical value is 16 MHz,
•
Capture represents an entire period of internal RC oscillator (MSI or LSI):
IC1ReadValue2 - IC1ReadValue1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30