| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4631 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4631 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 30 page ![]() DocID027266 Rev 2 13/30 Internal RC oscillator calibration 29 2.3 Description of the internal oscillator calibration firmware The internal RC oscillator calibration firmware provided with this application note includes three major functions: • uint32_t HSI16_CalibrateMinError(void) • ErrorStatus HSI16_CalibrateFixedError(uint32_t MaxAllowedError, uint32_t* Freq) • ErrorStatus HSI16_CalibrateCurve(uint32_t* Freq) • uint32_t MSI_CalibrateMinError(void) • ErrorStatus MSI_CalibrateFixedError(uint32_t MaxAllowedError, uint32_t* Freq) • ErrorStatus MSI_CalibrateCurve(uint32_t* Freq) • void HSI16_GetCurve( void ); • void MSI_GetCurve(void); • uint32_t HSI48_FreqMeasure( void ); • uint32_t HSI48_ManualTrimming( void ); 2.3.1 HSI16/MSI calibration with minimum error The HSI16_CalibrateMinError() and MSI_CalibrateMinError() functions calibrate the internal oscillator to have the frequency nearest to the typical value. It measures all frequencies for different trimming values and provides the trimming value that corresponds to the frequency with the minimum error. The trimming value thus obtained is programmed in the trimming bits. After calibration, the HSI16_CalibrateMinError() and MSI_CalibrateMinError functions return the internal oscillator frequency value as an unsigned 32-bit integer (uint32_t). The flowchart in Figure 8 provides the algorithm for this function. Example uint32_t InternOscAfterCalib = 0; { ...... /* Get the internal oscillator (HSI16) value after calibration */ InternOscAfterCalib = HSI16_CalibrateMinError(); } |