| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1548 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1548 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 14 page ![]() UM1548 System overview Doc ID 023257 Rev 1 5/14 2 System overview 2.1 Hardware design description Figure 2. IR transmitter in key fob enclosure 2.1.1 STEVAL-IHM037V1 IR remote transmitter This application is based on the direct implementation of the ST application note AN2957 with slight modifications to support the three keys. Table 1 lists the commands used for the three keys on the transmitter: The RC5 frame is 14 bits long and comprises the following: ● 1 start bit (always 1) ● 1 field bit ● 1 toggle bit (represented in Table 1 as X). It changes state every time a key is released and pressed again. ● 5-bit device address (32 possible addresses) ● 6-bit device instruction (64 possible instructions). AM12361v1 Speed up On/off Speed down Table 1. RC5 commands Key function Device address Device instruction 14 bits transmitted Speed up SAT1 [8] Number 8 [8] 10X01000001000 On/off SAT1 [8] Number 0 [0] 10X01000000000 Speed down SAT1 [8] Balance left [27] 10X01000011011 |