| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1548 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1548 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() Getting started UM1548 4/14 Doc ID 023257 Rev 1 1 Getting started 1.1 Package The remote fan speed controller includes the following: ● Hardware content: – IR transmitter board with key fob enclosure including three-button carbon contact pad ● Documentation: – User manual (this document) – Schematics, Gerber files, BOM ● Firmware – Already programmed STM8L device soldered on the demonstration board – Object files are also available for the firmware. 1.2 Initial setup The IR remote controller board can be set up as follows: 1. Remove the board from the enclosure using a flat head screwdriver to separate the two parts of the key fob enclosure. 2. Install a CR2032 battery by sliding it into the battery retainer on the bottom side of the PCB with the battery +ve terminal on top, as indicated on the retainer. 3. Place the board back inside the upper half of the enclosure containing the slot for the carbon contact pad such that the contact switch footprints on the top layer are aligned below the carbon contact pad. 4. Snap fit the lower part of the enclosure by applying gentle pressure all around so that the two pieces lock into each other. 5. Now the key fob can be used to transmit the pre-programmed IR RC5 commands used to control the fan speed/dimmer intensity and it's ON/OFF state. |