| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4515 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4515 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 24 page ![]() DocID026482 Rev 1 19/24 AN4515 Application note use case 23 sending data to the RAM while the Flash memory is stopped and the CPU goes back to Sleep mode (SLEEP5 state). 9. Once the DMA data transfer is complete, an interrupt wakes up the CPU to handle these data before it goes back to Sleep mode ((SLEEP6 state)). 10. While the CPU is in Sleep mode (SLEEP6 state) and the Flash memory is stopped, the DMA sends a complete log to the USART2 including MEMS direction and the timestamp (see Figure 15). Figure 15. Log example when configuration 4 is selected |