| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4515 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4515 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 24 page ![]() Application Overview AN4515 10/24 DocID026482 Rev 1 Using events to wakeup CPU The method uses events instead of interrupts to wake up the CPU from Sleep mode (see Figure 5). Figure 5. Using events to wake up the CPU Summary of BAM implementation methods Table 2. Summary of methods Approach Strength Weakness Executing ISRs from RAM No latency in interrupt execution FW little bit complex to implement Executing ISRs from Flash memory Easy firmware implementation Latency in interrupt execution Using events to wake up the CPU Interrupts are not executed since the Flash memory is stopped |