| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4325 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4325 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 27 page ![]() DocID024966 Rev 1 25/27 AN4325 Hardware migration from STM32F1 series to STM32F030 devices 26 7 Hardware migration from STM32F1 series to STM32F030 devices The entry-level STM32F030 and general-purpose STM32F1xxx families are pin-to-pin compatible. All peripherals shares the same pins in the two families, but there are some minor differences between packages. The transition from the STM32F1 series to the STM32F030 devices is simple as only a few pins are impacted. The impacted pins are shown in bold in Table 6. Table 6. STM32F1 and STM32F030 series pinout differences Package STM32F1 series STM32F030 devices LQFP64 LQFP48 Pinout Pinout 11 VBAT VDD 55 PD0 - OSC_IN PF0 - OSC_IN 66 PD1 - OSC_OUT PF1 - OSC_OUT 18 - VSS_4 PF4 19 - VDD_4 PF5 28 20 BOOT1 - PB2 PB2 47 35 VSS_2 PF6 48 36 VDD_2 PF7 |