công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4316 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN4316
Giải thích chi tiết về linh kiện  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 14Page - STMicroelectronics AN4316 Datasheet HTML 15Page - STMicroelectronics AN4316 Datasheet HTML 16Page - STMicroelectronics AN4316 Datasheet HTML 17Page - STMicroelectronics AN4316 Datasheet HTML 18Page - STMicroelectronics AN4316 Datasheet HTML 19Page - STMicroelectronics AN4316 Datasheet HTML 20Page - STMicroelectronics AN4316 Datasheet HTML 21Page - STMicroelectronics AN4316 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Charge transfer period tuning
AN4316
18/26
DocID024847 Rev 2
5
Charge transfer period tuning
The acquisition is based on the measurement of the sensor channel capacitance (or a set of
sensors in the case of linear and rotary sensors). The more charged this sensor
capacitance, the more accurate the measure and the better the noise immunity.
To ensure that the capacitance is correctly charged, it is necessary to monitor the pin
connected to the sensor plate or through a metallic coin put on the sensor.
Figure 9. Metallic coin probe
The signal must show a square wave which indicates a fully loaded capacitance.
Figure 10 shows an example of ideal charge transfers and Figure 11 a non-ideal ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26