| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4316 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4316 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 26 page ![]() DocID024847 Rev 2 17/26 AN4316 Tuning of the thresholds 25 4.3 Debounce settings In order to improve the robustness of the application, the STMTouch driver provides the debounce feature. To validate a touch detection, the delta must have exceeded the threshold during a certain number of consecutive samples as shown in Figure 8. This is to avoid a false-detection due to a noise peak. Figure 8. Debouncing example Due to the use of a down-counter, the DEBOUNCE preprocessor constant must be set to n- 1 while n consecutive sample must be measured below the detection threshold before triggering a detection. #define TSLPRM_DEBOUNCE_DETECT (2) //3 consecutive samples needed to enter in Detection. The debounce feature is configurable for each state transition: • TSLPRM_DEBOUNCE_PROX: while switching from release state to proximity state • TSLPRM_DEBOUNCE_DETECT: while switching from release state or proximity to touch detection state • TSLPRM_DEBOUNCE_RELEASE: while switching from touch or proximity state to release state • TSLPRM_DEBOUNCE_CALIB: while switching from release state to calibration state (compute again the reference) • TSLPRM_DEBOUNCE_ERROR: while switching from any state to error state |