| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4195 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4195 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 24 page ![]() Conclusion 22/24 DocID023897 Rev 1 4 Conclusion This application note explains certain specific ADC modes, and provides typical configuration procedures to help with understanding the presented modes. The STM32’s ADC has several modes which are intended for advanced conversion processes, so as to attain efficient conversion results in applications such as motor control. DMA is a major feature, and its use is recommended whenever possible in order to avoid sample loss, and to release the CPU load. The queue of context is a new feature for injected channels embedded in the F3 ADC family to anticipate up to 2 contexts for the next injected sequence of conversions. |