| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0991 bảng dữ liệu(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0991 bảng dữ liệu(HTML) 43 Page - STMicroelectronics |
|
43 / 52 page ![]() UM0991 Building and running your project Doc ID 17891 Rev 2 43/52 1. Edit stm8l15x.h and comment #define USE_STDPERIPH_DRIVER to be able to use the register structures, memory mapping, and constant definitions for each peripheral. Note: For an example of application code that only partially uses the library, refer to the WavesGenerator project in the STM8L-DISCOVERY development package. Figure 37. No libraries linked Linking the STM8L standard firmware library to your IAR project This section explains step by step how to link the STM8L standard firmware library to your IAR project. Prior to linking the library to your project, check that the STM8L library is up-to-date. If it is not, download the latest release (see Section 5.4: Updating the libraries). Follow the steps described below to link the STM8L standard firmware library to your IAR project: 1. Edit stm8l15x.h and uncomment #define USE_STDPERIPH_DRIVER (see Figure 38). Figure 38. Linking the STM8L standard firmware library - step 1 |