công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0991 bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện UM0991
Giải thích chi tiết về linh kiện  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 25Page - STMicroelectronics UM0991 Datasheet HTML 26Page - STMicroelectronics UM0991 Datasheet HTML 27Page - STMicroelectronics UM0991 Datasheet HTML 28Page - STMicroelectronics UM0991 Datasheet HTML 29Page - STMicroelectronics UM0991 Datasheet HTML 30Page - STMicroelectronics UM0991 Datasheet HTML 31Page - STMicroelectronics UM0991 Datasheet HTML 32Page - STMicroelectronics UM0991 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
UM0991
Building and running your project
Doc ID 17891 Rev 2
29/52
5.2
Running the STM8L-Discovery examples
Before starting developing your own application, run one of the examples provided with the
development package to check if is is correctly configured. Take care to read the example-
related documentation before proceeding because some examples may require additional
hardware to work properly.
5.2.1
With STVD
Follow the steps below:
1.
Install the development toolchain (see Section 2: Installing the development toolchain)
– Cosmic or Raisonance compiler
–STVD
2.
Download the STM8L-Discovery_dev.zip file and extract the directory STM8L-
Discovery_dev on your PC (see Section 5.1: Description of the STM8L-DISCOVERY
development package)
3.
Run STVD
From START>Programs>ST Toolset>Development Tools>ST Visual Develop
a)
Select File -> Open Workspace
b)
Browse for the project file .stw of the example you intend to run according to the
compiler you have installed:
–
Discover example: STM8L-
Discovery_dev\Project\Discover\STVD\Cosmic\Discover.stw or STM8L-
Discovery_dev\Project\Discover\STVD\Raisonance\Discover.stw
–
WavesGenerator example: STM8L-
Discovery_dev\Project\WavesGenerator\STVD\Cosmic\WavesGenerator.stw or
STM8L-
Discovery_dev\Project\WavesGenerator\STVD\Raisonance\WavesGenerator.stw
4.
Configures STVD to use ST-LINK as debug instrument (see Figure 23):
a)
Click Debug instrument -> Target Settings.
b)
Select target Swim ST-LINK in the target list.
5.
Click Build -> Rebuild All to build your application.
6.
Clicking Debug -> Start Debugging to start the debug session.
7.
Click Debug -> Run to run you application.
8.
The application code example you have selected is now running. Check if it operates in
compliance with what is described in the associated application note. You can also use
STVD debug capabilities to run the code step by step and monitor the variables (see
Section 6.2: Debugging your application).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52