| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0844 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 43 page ![]() UM0844 Rebuilding the bootloader Doc ID 16544 Rev 3 37/43 EVALSPEAR300 To rebuild U-Boot for serial NOR on a Linux host PC, run the following commands: $ make mrproper; make spear300_config; make ENV=NOR $ cp u-boot.img ../../Flash/uboot/uboot_s300_NOR.uimg To rebuild U-Boot for NAND Flash on a Linux host PC, run the following commands: $ make mrproper; make spear300_config; make ENV=NAND $ cp u-boot.img ../../Flash/uboot/uboot_s300_NAND.uimg EVALSPEAR310 To rebuild U-Boot for serial NOR on a Linux host PC, run the following commands: $ make mrproper; make spear310_config; make ENV=SNOR FLASH=SNOR $ cp u-boot.img ../../Flash/uboot/uboot_s310_SNOR.uimg In order to rebuild U-Boot for parallel NOR on a Linux host PC, run the following commands: $ make mrproper; make spear310_config; make ENV=PNOR FLASH=PNOR $ cp u-boot.img ../../Flash/uboot/uboot_s310_PNOR.uimg In order to rebuild U-Boot for NAND Flash on a Linux host PC, run the following commands: $ make mrproper; make spear310_config; make ENV=NAND FLASH=NAND $ cp u-boot.img ../../Flash/uboot/uboot_s310_NAND.uimg EVALSPEAR320PLC In order to rebuild U-Boot for serial NOR on a Linux host PC, run the following commands: $ make mrproper; make spear320_config; make ENV=SNOR FLASH=SNOR $ cp u-boot.img ../../Flash/uboot/uboot_s320_SNOR.uimg EVALSPEAR600 In order to rebuild U-Boot for serial NOR on a Linux host PC, run the following commands: $ make mrproper; make spear600_config; make ENV=NOR $ cp u-boot.img ../../Flash/uboot/uboot_s600_NOR.uimg In order to rebuild U-Boot for NAND Flash on a Linux host PC, run the following commands: $ make mrproper; make spear600_config; make ENV=NAND $ cp u-boot.img ../../Flash/uboot/uboot_s600_NAND.uimg |