| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0844 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 43 page ![]() Rebuilding the bootloader UM0844 36/43 Doc ID 16544 Rev 3 6 Rebuilding the bootloader 6.1 XLoader The default XLoader provided as pre-flashed on all SPEAr evaluation boards, as well as binary image on ST Web site for upgrades, is built for serial NOR Flash. If needed, the XLoader firmware image has to be rebuilt taking into account each specific embedded MPU and memory types. Therefore, there are many cases and relevant commands to be run on Linux PC, as described below. EVALSPEAR300 $ make clean $ make SOC=SPR300 DDRFREQ=333 DDRSIZE=128M $ cp obj/xloader_image.bin ./../Flash/xloader/xloader_s300_333DDR.uimg EVALSPEAR310 $ make clean $ make SOC=SPR310 DDRFREQ=333 DDRSIZE=128M $ cp obj/xloader_image.bin ../../Flash/xloader/xloader_s310_333DDR.uimg EVALSPEAR320PLC $ make clean $ make SOC=SPR320 DDRFREQ=333 DDRSIZE=128M $ cp obj/xloader_image.bin ../../Flash/xloader/xloader_s320_333DDR.uimg EVALSPEAR600 $ make clean $ make SOC=SPR600 DDRFREQ=333 DDRSIZE=128M $ cp obj/xloader_image.bin ../../Flash/xloader/xloader_s600_333DDR_128M.uimg 6.2 U-Boot The default U-Boot provided as pre-flashed on all SPEAr evaluation boards, as well as binary image on ST Web site for upgrades, is built for serial NOR Flash. If needed, the U-Boot firmware image has to be rebuilt taking into account each specific embedded MPU and Flash memory type. Therefore, there are many cases and relevant commands as described below. |