| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4038 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4038 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 39 page ![]() Environmental variation AN4038 34/39 Doc ID 022686 Rev 1 6.2.2 Humidity influence Humidity influences the detection range of the proximity system. Effectively, the dielectric constant, known as epsilon ( εr) of the air varies with humidity. Figure 33 shows the air permittivity variation versus relative humidity. Figure 33. Air permittivity variation versus relative humidity This situation is already describe in Section 5: Front Panel. The higher εr is, the easier it is for an electrical field to pass through materials. If the relative humidity increases, the detection range increases. Humidity variation is significant only with a relative humidity greater than 70 %. |