| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0238 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0238 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 20 page ![]() Running the demonstrations STR91x demonstration software 18/20 In order to test the webserver demo you need to: 1. Connect the STR9-EVAL board to your PC Ethernet port using either a crossover Ethernet cable or through an Ethernet switch or hub. 2. Change your PC IP address to: 192.168.0.x (where x is a value other than 8) 3. Connect to the STR9 webpage by typing http://192.168.0.8 in a browser. The following page should appear: Figure 5. STR9 webpage |