| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0238 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0238 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() STR91x demonstration software Running the demonstrations 13/20 2.3 STR91x resources 2.3.1 Peripherals All used peripherals are described on the following table: 2.3.2 Interrupts The following table shows all the enabled interrupts Table 1. STR91x demo peripherals Used peripherals Application FMI Main VIC Main WIU Main GPIO All applications SCU All applications RTC Calendar TIM Wave player, LEDs show and System timer CAN Loop Back communication USB USB mouse demo ENET (DMA/MAC Controller) Ethernet webserver demo Table 2. STR91x demo interrupts Interrupts Used for EXTIT3 IRQ channel JoyStick and KEY push-button RTC IRQ channel Calendar (Alarm) TIM0 IRQ channel Wave player TIM2 IRQ channel System timer USB_LP IRQ channel USB mouse demo |