| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3408 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3408 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 38 page ![]() Example of NDEF record AN3408 24/38 DocID018867 Rev 4 Those records are detailed inTable 37. The three records are appended together in the contactless tag memory. Table 38 below details the record header 0x91. For more details about the record header meaning, refer to a): Record head byte. Table 36. Bluetooth record Handover select record Alternative carrier record Bluetooth carrier configuration record Defines the version Defines the usable carrier frequency Defines the Bluetooth configuration parameters Table 37. Handover select record 0x91 0x02 0x0A 0x48 73 0x12 Record header Record type length Payload length Record type 'Hs' Version number 1.2 Table 38. Record header = 0x91 MB ME CF SR IL TNF 10 010 0b001 This is the first record This isn't the last record This record is the terminating record chunk The payload length is on one byte ID length field is omitted Indicates the structure of the type field (see Table 15) |