| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3408 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3408 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 38 page ![]() Example of NDEF record AN3408 20/38 DocID018867 Rev 4 Its type value is the three ASCII characters 'act'. 4.3.4 Icon record The icon record contains an image (bmp or jpg) or a media type (such as an mpeg file). 4.3.5 Size record The size record is coded on 4 bytes and defines the number of bytes. Its type value is the ASCII character 's'. 4.3.6 Type record The type record is UTF-8 string that describes a MIME type. Its type value is the ASCII character 't'. 4.3.7 Example of a smart poster record composed of a Title and a URI Table 29 below details the smart poster record. Table 28. Smart poster record with a Title and a URI NDEF message 0x03 0x24 Smart poster record URL record Text record Type NDEF message TLV Number of bytes of the NDEF message Smart poster record URL record Text record Table 29. NDEF message 0xD1 0x02 0x1F 0x5370 Record header Record type length Length of the smart poster Record type 'Sp' |