| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3371 bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3371 bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 45 page ![]() AN3371 Advanced RTC features Doc ID 018624 Rev 5 31/45 2 Advanced RTC features Table 15. Advanced RTC features RTC features F0 series F3 series F2 series ULPM density F4 series ULPH density Prescalers Asynchronous X (7 bits) X (7 bits) X (7 bits) X (7 bits) X (7 bits) X (7 bits) Synchronous X (15 bits) X (13 bits) X (13 bits) X (13 bits) X (15 bits) X (15 bits) Calendar Time 12/24 format X X X X X X Hour, minutes and seconds XXX X X X Sub-second X X XX Date XXX X X X Daylight operation X X X X X X Bypass the shadow registers XX XX Alarm Alarms available Alarm A XXX X X X Alarm B XX X X X Time 12/24 format X X X X X X Hour, minutes and seconds XXX X X X Sub-second X X XX Date or week day X X X X X X Tamper detection Configurable input mapping X X X X Configurable edge detection XXX X X X Configurable Level detection (filtering, sampling and precharge configuration on tamper input) XX XX Number of tamper inputs 2 inputs 2 inputs 2 inputs / 1event 1 input / 1event 2 inputs / 2 events 3 inputs / 3 events |