| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3270 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3270 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 23 page ![]() AES block processing AN3270 16/23 Doc ID 17919 Rev 2 Figure 12. Encryption using Cipher Block Chaining (CBC) mode Figure 13. Decryption using Cipher Block Chaining (CBC) mode Chaining modes (CBC, CFB, OFB and CTR) are not implemented in hardware. A firmware implementation of block chaining modes (ECB, CBC, CFB, OFB and CTR) using the AES hardware accelerator is provided in the aes_util.c/.h files with this application note. As an example, the prototype of CBC mode is as follows: AES_Encrypt_CBC(): Encrypt plain text with encryption key providing cipher text using CBC chaining mode. Encryption status is returned by the function. ErrorStatus AES_Encrypt_CBC(PlainText, /* address of plain text to be encrypted */ CipherText, /* address of buffer that used to store the cipher text */ EncryptionKey, /* address of key used to encrypt plain text */ InitVector, /* address of initialization vector */ TextSize); /* size of padded plain text */ For the implementation of other chaining modes, refer to the aes_util.c/.h files. |