| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3270 bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3270 bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 23 page ![]() AN3270 AES hardware accelerator operation modes Doc ID 17919 Rev 2 9/23 Figure 7. AES algorithm in decryption mode 1. The AES peripheral clock must be enabled to allow write access to AES registers 2. Mode configuration must be done before enabling the AES. 3. If required, the Computation Complete interrupt can be enabled using the Computation Complete Interrupt Enable (CCIE) bit. 4. The AES hardware accelerator requires the 16 bytes of data (128 bits) to be written/read from MSB (16th data byte) to LSB (1st data byte) that is why the Counter is initialized to 0. Enable AES clock (1) Configure AES peripheral: Select decryption mode (2) Enable computation complete interrupt (3) Enable AES to start processing Counter = 0 Write decryption key DK[counter] in DINR register Write cypher text CT[counter] in DINR register Counter = 16? (4) Is computation complete? Counter++ Counter = 16? (4) End Counter = 0 Read plain text PT[counter] from DOUTR register Input phase Computation phase Output phase Counter++ MS19721V1 |