| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3240 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3240 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() Demonstration kit composition AN3240 22/32 Doc ID 17689 Rev 1 6.2.2 Motherboard driving performance for the PCB demo The STM3210E-EVAL demonstration board (motherboard) has been programmed to show the STHV748’s main functions. In particular, the firmware installed into the internal memory allows the PCB demo to be driven in a way that the STHV748 pulser performs an example of three work conditions: ● Pulse wave mode (PW), (see Figure 15) ● Continuous wave mode (CW), (see Figure 16) ● Pulse cancellation mode (PC), (see Figure 17) Figure 15. PW mode functions C PA2 34 IN1_C 31 PA3 23 IN2_C 30 PC2 17 IN3_C 29 B PB0 9 IN1_B 18 PB1 13 IN2_B 19 PC1 15 IN3_B 20 D PA6 1 IN1_D 50 PA7 5 IN2_D 51 PC3 19 IN3_D 52 All channel PC5 26 IN4 17 Table 9. STM3210E-EVAL pin configuration table (continued) Channel Gates (motherboard side) CN1-pin (motherboard side) STHV748 pin name STHV748 pin number |