| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3240 bảng dữ liệu(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3240 bảng dữ liệu(HTML) 21 Page - STMicroelectronics |
|
21 / 32 page ![]() AN3240 Demonstration kit composition Doc ID 17689 Rev 1 21/32 Figure 13. Demonstration kit based on the STM3210E-EVAL system image 6.2.1 Motherboard communication setting The STM3210E-EVAL system communicates with the PCB demo through the C1 connector, following the signal setting represented in Figure 14. Figure 14. STM3210E-EVAL pin connection Table 9. STM3210E-EVAL pin configuration table Channel Gates (motherboard side) CN1-pin (motherboard side) STHV748 pin name STHV748 pin number A PA0 31 IN1_A 63 PA1 33 IN2_A 62 PC0 14 IN3_A 61 |