| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3209 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3209 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 42 page ![]() M24LR64-R RF commands AN3209 36/42 Doc ID 17419 Rev 2 Appendix B M24LR64-R RF commands The M24LR64-R_Datalogger_application_software uses the USB driver library to control RFID readers. The library is written in Visual Basic. It is available under C:\Program Files\M24LR64-R_Datalogger_Application\sources\M24LR64- R_Datalogger_application_software or from Start > M24LR64- R_Datalogger_Application > M24LR64-R_Datalogger_application_software. B.1 Inventory The ISO 15693 inventory command is performed by calling the Inventory_DataLogger() function: Function Inventory_DataLogger() As Integer B.2 Reset to Ready The Reset to Ready ISO 15693 command is performed by calling ResetToReadyRF_DataLogger() function: F unction ResetToReadyRF_DataLogger() As Integer Table 10. Inventory_DataLogger() Function description Prototype Inventory_DataLogger() Parameters None Returned value i_Result: Function status SUCCEDDED FAILED Table 11. ResetToReadyRF_DataLogger() Function description Prototype ResetToReadyRF_DataLogger() Parameters None Returned value i_Result: Function status SUCCEDDED FAILED |