| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3209 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3209 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 42 page ![]() PC software AN3209 30/42 Doc ID 17419 Rev 2 5.1.2 STOP button algorithm In data acquisition mode, clicking the STOP button from the menu writes the STOP value in the application Status byte (see Section : System bytes) via the RF interface and stops data acquisition. Figure 24 shows the STOP button algorithm. Figure 24. STOP button algorithm 5.1.3 TRACE GRAPH button algorithm Clicking the TRACE GRAPH button from the menu downloads all the acquired temperature values stored in the M24LR64-R memory through the RF interface, and displays a graphical representation of these data. When the delay is set to 1 s, the window displays a checkbox that allows the user to activate a dynamic view. Figure 25 shows the TRACE GRAPH algorithm. |