| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3156 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3156 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 26 page ![]() Bootloader protocol version evolution AN3156 24/26 DocID017068 Rev 4 6 Bootloader protocol version evolution Table 5 lists the bootloader versions. Table 5. Bootloader protocol versions Version Description V2.0 Initial bootloader version. V2.1 DFU Bootloader version V2.1. Unlike version V2.0, this version features an extended interface descriptor including OTP memory interface and Device Feature interface. V2.0 and V2.1 are implemented on different devices. Refer to AN2606 to know which version is implemented on your device. Fixed bug found when writing in data memory timing by using an adequate timeout. V2.2 Updated Option bytes, OTP and device feature descriptors to support only Read/Write operation instead of Read/Write/Erase |