| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3156 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3156 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() DFU_DNLOAD request commands AN3156 14/26 DocID017068 Rev 4 5 DFU_DNLOAD request commands The download request is used to perform different commands. The command selection is done through the value of parameter wValue in the USB request structure. The following operations are supported: • Write Memory (wValue > 1) • Set Address Pointer (wValue = 0 and first byte = 0x21) • Erase (wValue = 0 and first byte = 0x41) • Read Unprotect (wValue = 0 and first byte = 0x92) • Leave DFU (leave DFU mode and Jump to application) |