| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3100 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3100 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 24 page ![]() AN3100 Pad descriptions and configurations Doc ID 16606 Rev 2 19/24 Figure 5. Clock cell All the pins of the digital cells are controlled on the basis of the configuration of the miscellaneous register DDR_PAD register (0xFCA800F0). Refer to the corresponding SPEAr3xx user manual for further details. EN TEN TM A TA Output part ENZI ZI ODTA ODTEN ODTB On-die 300 Ω 300 Ω 300 Ω 300 Ω MODEZI2V5 DDR2V5 SEP SEN Input part On-die 300 Ω 300 Ω 300 Ω 300 Ω terminations terminations PU2V5 PU2V5 PDN2V5 PDN2V5 Pull-up and pull-down Pull-up and pull-down 50 k Ω 50 k Ω 50 k Ω 50 k Ω VDDE VDDE VDDE VDDE VDDE VDDE VDDEPAD GNDEPAD BOOST TRIGGER VDD VDDE GNDE GND A[0:6]SRC PROGA2V5 ZOUTPROGA2V5 |